Part Number Hot Search : 
A4910 SRU1063 GBPC35 CMT18N20 S222M PST3809 T4110M 38ECP
Product Description
Full Text Search
 

To Download M74VHC1G125DFT2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2012 december, 2012 ? rev. 17 1 publication order number: mc74vhc1g125/d mc74vhc1g125 noninverting 3-state buffer the mc74vhc1g125 is an advanced high speed cmos noninverting 3 ? state buffer fabricated with silicon gate cmos technology. it achieves high speed operation similar to equivalent bipolar schottky ttl while maintaining cmos low power dissipation. the internal circuit is composed of three stages, including a buf fered 3 ? state output which provides high noise immunity and stable output. the mc74vhc1g125 input structure provides protection when voltages up to 7 v are applied, regardless of the supply voltage. this allows the mc74vhc1g125 to be used to interface 5 v circuits to 3 v circuits. features ? high speed: t pd = 3.5 ns (typ) at v cc = 5 v ? low power dissipation: i cc = 1  a (max) at t a = 25 c ? power down protection provided on inputs ? balanced propagation delays ? pin and function compatible with other standard logic families ? chip complexity: fets = 58; equivalent gates = 15 ? nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable ? these devices are pb ? free and are rohs compliant figure 1. pinout (top view) v cc oe in a out y gnd in a out y en oe figure 2. logic symbol 1 2 3 4 5 see detailed ordering and shipping information in the package dimensions sect ion on page 4 of this data sheet. ordering information function table l h x a input y output l h z oe input l l h marking diagrams pin assignment 1 2 3 gnd oe in a 4 5v cc out y http://onsemi.com sc ? 88a / sot ? 353 / sc ? 70 df suffix case 419a tsop ? 5 / sot ? 23 / sc ? 59 dt suffix case 483 1 5 1 5 1 5 w0 m   w0 = device code m = date code*  = pb ? free package (note: microdot may be in either location) *date code orientation and/or position may vary depending upon manufacturing location. 1 5 w0 m   m
mc74vhc1g125 http://onsemi.com 2 maximum ratings symbol characteristics value unit v cc dc supply voltage ? 0.5 to +7.0 v v in dc input voltage ? 0.5 to +7.0 v v out dc output voltage v cc = 0 high or low state ? 0.5 to 7.0 ? 0.5 to v cc + 0.5 v i ik input diode current ? 20 ma i ok output diode current v out < gnd; v out > v cc +20 ma i out dc output current, per pin +25 ma i cc dc supply current, v cc and gnd +50 ma p d power dissipation in still air sc ? 88a, tsop ? 5 200 mw  ja thermal resistance sc ? 88a, tsop ? 5 333 c/w t l lead temperature, 1 mm from case for 10 secs 260 c t j junction temperature under bias +150 c t stg storage temperature ? 65 to +150 c v esd esd withstand voltage human body model (note 1) machine model (note 2) charged device model (note 3) > 2000 > 200 n/a v i latchup latchup performance above v cc and below gnd at 125 c (note 4)  500 ma stresses exceeding maximum ratings may damage the device. maximum ratings are stress ratings only. functional operation above t he recommended operating conditions is not implied. extended exposure to stresses above the recommended operating conditions may af fect device reliability. 1. tested to eia/jesd22 ? a114 ? a. 2. tested to eia/jesd22 ? a115 ? a. 3. tested to jesd22 ? c101 ? a. 4. tested to eia/jesd78. recommended operating conditions symbol characteristics min max unit v cc dc supply voltage 2.0 5.5 v v in dc input voltage 0.0 5.5 v v out dc output voltage 0.0 v cc v t a operating temperature range ? 55 +125 c t r , t f input rise and fall time v cc = 3.3 v  0.3 v v cc = 5.0 v  0.5 v 0 0 100 20 ns/v device junction temperature versus time to 0.1% bond failures junction temperature c time, hours time, years 80 1,032,200 117.8 90 419,300 47.9 100 178,700 20.4 110 79,600 9.4 120 37,000 4.2 130 17,800 2.0 140 8,900 1.0 1 1 10 100 1000 time, years normalized failure rate t j = 80 c t j = 90 c t j = 100 c t j = 110 c t j = 130 c t j = 120 c failure rate of plastic = ceramic until intermetallics occur figure 3. failure rate vs. time junction temperature
mc74vhc1g125 http://onsemi.com 3 dc electrical characteristics symbol parameter test conditions v cc (v) t a = 25 c t a 85 c ? 55 t a 125 c unit min typ max min max min max v ih minimum high ? level input voltage 2.0 3.0 4.5 5.5 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 1.5 2.1 3.15 3.85 v v il maximum low ? level input voltage 2.0 3.0 4.5 5.5 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 0.5 0.9 1.35 1.65 v v oh minimum high ? level output voltage v in = v ih or v il v in = v ih or v il i oh = ? 50  a 2.0 3.0 4.5 1.9 2.9 4.4 2.0 3.0 4.5 1.9 2.9 4.4 1.9 2.9 4.4 v v in = v ih or v il i oh = ? 4 ma i oh = ? 8 ma 3.0 4.5 2.58 3.94 2.48 3.80 2.34 3.66 v v ol maximum low ? level output voltage v in = v ih or v il v in = v ih or v il i ol = 50  a 2.0 3.0 4.5 0.0 0.0 0.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v v in = v ih or v il i ol = 4 ma i ol = 8 ma 3.0 4.5 0.36 0.36 0.44 0.44 0.52 0.52 v i oz maximum 3 ? state leakage current v in = v ih or v il v out = v cc or gnd 5.5 0.2 5  2.5  2.5  a i in maximum input leakage current v in = 5.5 v or gnd 0 to 5.5 0.1 1.0  1.0  a i cc maximum quiescent supply current v in = v cc or gnd 5.5 1.0 20 40  a ????????????????????????????????? ac electrical characteristics c load = 50 pf, input t r = t f = 3.0 ns ???? ???? ???? symbol ??????? ??????? ??????? ???????? ???????? ???????? ??????? ??????? c ???? ???? 85 c ?????? ?????? ? 55 t a 125 c ?? ?? ?? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? t plh , t phl ??????? ??????? ??????? ??????? ???????? ???????? ???????? 0.3 v c l = 15 pf c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ?? ???????? ???????? 0.5 v c l = 15 pf c l = 50 pf ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ??????? ??????? ??????? ??????? ???????? ???????? ???????? 0.3 v c l = 15 pf r l = 1000  c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ?? ???????? ???????? 0.5 v c l = 15 pf r l = 1000  c l = 50 pf ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ??????? ??????? ??????? ??????? ??????? ???????? ???????? ???????? 0.3 v c l = 15 pf r l 1000  c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? ?? ?? ???????? ???????? ???????? 0.5 v c l = 15 pf r l = 1000  c l = 50 pf ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ???? ???? ??????? ??????? ???????? ???????? ??? ??? ??? ??? ??? ??? ?? ?? ??? ??? ??? ??? ???? ???? ?? ?? ???? ???? ???? ??????? ??????? ??????? ? state output capacitance (output in high impedance state) ???????? ???????? ???????? ??? ??? ??? ??? ??? ??? ??? ??? ??? ?? ?? ?? ??? ??? ??? ??? ??? ??? ???? ???? ???? ?? ?? ?? typical @ 25 c, v cc = 5.0 v pf 8.0 5. c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption with out load. average operating current can be obtained by the equation: i cc(opr ) = c pd  v cc  f in + i cc . c pd is used to determine the no ? load dynamic power consumption; p d = c pd  v cc 2  f in + i cc  v cc .
mc74vhc1g125 http://onsemi.com 4 switching waveforms figure 4. switching wave forms figure 5. y 50% 50% v cc 50% v cc v cc gnd high impedance v ol + 0.3v v oh - 0.3v y y oe t pzl t plz t pzh t phz *includes all probe and jig capacitance c l * test point device under test output figure 6. test circuit *includes all probe and jig capacitance figure 7. test circuit output test point c l * 1 k  connect to v cc when testing t plz and t pzl. connect to gnd when testing t phz and t pzh. device under test high impedance 50% 50% v cc v cc gnd t plh t phl a figure 8. input equivalent circuit input ordering information device package shipping ? m74vhc1g125dft1g sc ? 88a/sot ? 353/sc ? 70 (pb ? free) 3000 units / tape & reel M74VHC1G125DFT2G nlvvhc1g125dft1g* m74vhc1g125dtt1g tsop ? 5/sot ? 23/sc ? 59 (pb ? free) ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nlv prefix for automotive and other applications requiring unique site and control change requirements; aec ? q100 qualified and ppap capable.
mc74vhc1g125 http://onsemi.com 5 package dimensions notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. 419a ? 01 obsolete. new standard 419a ? 02. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. dim a min max min max millimeters 1.80 2.20 0.071 0.087 inches b 1.15 1.35 0.045 0.053 c 0.80 1.10 0.031 0.043 d 0.10 0.30 0.004 0.012 g 0.65 bsc 0.026 bsc h --- 0.10 --- 0.004 j 0.10 0.25 0.004 0.010 k 0.10 0.30 0.004 0.012 n 0.20 ref 0.008 ref s 2.00 2.20 0.079 0.087 b 0.2 (0.008) mm 12 3 4 5 a g s d 5 pl h c n j k ? b ? sc ? 88a (sc ? 70 ? 5/sot ? 353) case 419a ? 02 issue k
mc74vhc1g125 http://onsemi.com 6 package dimensions tsop ? 5 case 483 ? 02 issue h notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish thickness. minimum lead thickness is the minimum thickness of base material. 4. dimensions a and b do not include mold flash, protrusions, or gate burrs. 5. optional construction: an additional trimmed lead is allowed in this location. trimmed lead not to extend more than 0.2 from body. dim min max millimeters a 3.00 bsc b 1.50 bsc c 0.90 1.10 d 0.25 0.50 g 0.95 bsc h 0.01 0.10 j 0.10 0.26 k 0.20 0.60 l 1.25 1.55 m 0 10 s 2.50 3.00 123 54 s a g l b d h c j  0.7 0.028 1.0 0.039  mm inches  scale 10:1 0.95 0.037 2.4 0.094 1.9 0.074 *for additional information on our pb ? free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* 0.20 5x c ab t 0.10 2x 2x t 0.20 note 5 t seating plane 0.05 k m detail z detail z on semiconductor and are registered trademar ks of semiconductor components industries, llc (s cillc). scillc owns the rights to a numb er of patents, trademarks, copyrights, trade secrets, and other intellectual property. a list ing of scillc?s product/patent coverage may be accessed at ww w.onsemi.com/site/pdf/patent ? marking.pdf. scillc reserves the right to make changes without further notice to an y products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does scillc assume any liability arising out of th e application or use of any product or circuit, and s pecifically disclaims any and all liability, including without limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/ or specifications can and do vary in different applications and actual performance may vary over time. all operating parameters, including ?typical s? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the right s of others. scillc products ar e not designed, intended, or a uthorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in whic h the failure of the scillc product could create a situation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized appli cation, buyer shall indemnify and hold scillc and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associ ated with such unintended or unauthorized use, even if such claim alleges that scil lc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action em ployer. this literature is subject to all applicable copyrig ht laws and is not fo r resale in any manner. publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5817 ? 1050 mc74vhc1g125/d literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loca l sales representative


▲Up To Search▲   

 
Price & Availability of M74VHC1G125DFT2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X